PART |
Description |
Maker |
64322-1239 |
0.635mm (.025) CMC CP Female Terminal, Tin Plated, Selective 1.27μm Gold inContact Area, for Square 0.6mm x 0.6mm Pins, Wire Size 0.5mm2
|
Molex Electronics Ltd.
|
S9979 |
CCD area image sensor TDI operation / large active area CCD
|
Hamamatsu Corporation
|
G7752-10 G7754-03 G7751-02 G7751-21 G7754-01 G7751 |
Active area: 0.6mm; external input voltage: -18V; infrared detector module with preamplifier: high sensitivity module of easy-to-use. For infrared detection Tantalum Conformal-Coated Capacitor; Capacitance: 47uF; Voltage: 6.3V; Packaging: Tape & Reel 红外探测器与前置放大器模 Tantalum Conformal-Coated Capacitor; Capacitance: 47uF; Voltage: 6.3V; Packaging: Tape & Reel Tantalum Conformal-Coated Capacitor; Capacitance: 47uF; Voltage: 6.3V; Case Size: 3.2x1.6 mm; Packaging: Tape & Reel
|
Hamamatsu Photonics K.K. HAMAMATSU[Hamamatsu Corporation]
|
CLD160 |
Large Active Area Silicon Planar photodiode
|
Clairex Technologies, Inc ETC List of Unclassifed Manufacturers
|
PS0.25-5 |
High Speed epitaxy Low Dark curren 0.25mm active area
|
List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
MAX795 MAX795CPA MAX795CSA MAX795EPA MAX795ESA MAX |
Microprocessor supervisory circuit. Reset threshold 3.00V to 3.15V. Active-low reset. Backup-battery switchover. External switch driver. Chip-enable gating. 3.0V/3.3V Adjustable Microprocessor Supervisory Circuits Microprocessor supervisory circuit. Reset threshold 2.55V to 2.70V. Active-low reset. Backup-battery switchover. External switch driver. Chip-enable gating.
|
MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products]
|
MB3829 MB3829PFV-G-BND |
BOX, PC, GY, 130X80X100BOX, PC, GY, 130X80X100; Length / Height, external:130mm; Width, external:80mm; Depth, external:100mm; Material:Polycarbonate; Colour:Grey; Approval category:EN 60529; IP rating:66/67; No. of holes:4; RAL System Power Supply IC for Mobile Telephone
|
Fujitsu Limited Fujitsu Media Devices Fujitsu Component Limited.
|
AD800-8TO |
APD with 0.5 mm2 active area
|
Sensortechnics GmbH
|
54LS76 S7476W S7476F S74LS76W S74LS76F 74LS76 54_7 |
ENCLOSURE, CARDMASTER POLYCARBONATE; Length / Height, external:160mm; Width, external:166mm; Depth, external:118mm; Material:Polycarbonate; Colour:Light Grey; Flammability rating:UL 94 5V; IP rating:IP 65; RAL number:7035; Temp, op. DUAL JK FLIP - FLOP 双JK触发次浮点运
|
Signetics ETC[ETC] List of Unclassifed Manufacturers Electronic Theatre Controls, Inc.
|
AD800-11TO |
800 μm active area
|
Sensortechnics GmbH
|
112RKI40 112RKI40S90 111RKI40S90 112RKI80S90 110RK |
Potting Box Enclosure; Enclosure Material:Plastic; External Height:1"; External Width:4"; External Depth:1.75"; Enclosure Color:Black RoHS Compliant: Yes 相位控制晶闸管螺柱版 PHASE CONTROL THYRISTORS Stud Version
|
International Rectifier, Corp. IRF[International Rectifier]
|
KGS6N4252BT |
Tactile Switches 6mm×6mm Top Push Surface Mounting Type
|
HOKURIKU ELECTRIC INDUSTRY CO.,LTD
|